Part Number Hot Search : 
CE12022 30009 M5R15TP MC100 74HC54 EE07988 AO4407 XFGIB
Product Description
Full Text Search
 

To Download KF42X-B25PB25S-B4N30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kf42x series / b shell size 25 number of contacts s t op connector gender s bottom connector gender a center to center distance 4n mounting options plating options series kf42x-kycon dual-port d-subminiature connector with ferrite shell size e-9 contacts a-15 contacts b-25 contacts e-15 contacts (high density) 9, 15, 25 t op connector gender p-pin contact (plug) s-socket contact (receptacle) bottom connector gender p-pin contact (plug) s-socket contact (receptacle) center to center distance (d dimension) a-.750" b-.900" c-.625" mounting options p l a t ing opt i on s a n d p e r fo rm ance s p eci  c a t io n s pictured with board lock option, dimensions in mm [in] optional grounding brackets not shown in side views. 4-?3.05 8.08 ferrite inserts ?1.09 14.84 0.20 8.08 0.20 3.18 0.20 25.50 0.25 7.90 0.13 1.80 0.20 4-?3.18 [0.125"] 8.0 0.25 16.00 0.25 5.9 plug, 6.0 socket 8.00 16.00 2.84 2.84 1.385 b 2.84 19.50 a, a1 b c 2.77 3.92 d e 9 (e) 15 (a) 25 (b) a .643 16.33 .971 24.66 1.511 38.38 a 1 .666 16.92 .994 25.25 1.534 38.96 b .984 24.99 1.312 33.32 1.852 47.04 c 1.213 30.81 1.541 39.14 2.088 53.04 dimensions (inch/ mm ) number of contacts (shell size) a b c d .750 19.05 .900 22.86 .625 15.88 e 1.244 31.60 1.394 35.41 1.119 28.42 center to center spacing a = exterior of female shell (s) a1 = interior of male shell (p) ferrite specications test frequency 30 mhz 50 mhz 100 mhz edge hole 17-27 ohms 22-30 ohms 29-34 ohms inner hole 22-30 ohms 29-37 ohms 35-40 ohms edge hole inner hole number of contacts per port ( t op v iew) recommended pcb layout kf42x s er i e s dual p o rt d-su b with fe r rit e k yc o n 2007 kycon, i nc. ? t el: + 1 408 - 494-0330 ? us : 1-888 -kyc on-22 ? fa x : +1 408 - 494 - 0325 ? w w w .ky c on.co m kf42x series ferrite d-submi n i a t ur e rohs series / t op shell size connector type bottom connector center distance board lock plating option series kf42x - dual-port d-subminiature connector top shell size e - 9 contacts a - 26 contacts b - 25 contacts c - 62 contacts t op connector type p - pin contact (plug) s - socket contact (receptacle) bottom connector type p - pin contact (plug) s - socket contact (receptacle) center to center distance a - .750? b - .900? c - .625? board locks option part builder documentation & ordering information blank - gold flash 15 - 15 ? gold 30 - 30 ? gold kycon part # blank - no board lock 4n - board locks in ( most popular) jack screws option blank - no jack screws j - 4-40 hex removable jack screws r - round riveted jack screws bottom shell size e - 9 contacts a - 15 contacts b - 44 contacts c - 62 contacts shell size jack screws e - 15 contacts (high density) e - 15 contacts (high density) plating option


▲Up To Search▲   

 
Price & Availability of KF42X-B25PB25S-B4N30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X